Part Number Hot Search : 
0N1TR FMS3110 0115K BAT81 24LLC02T SQ3866A 1E106 MJ15025
Product Description
Full Text Search
 

To Download TOM9250 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 VOLTAGE CONTROLLED OSCILLATOR 2000 - 2500 MHz TOM9250
Features
! ! ! ! Low Noise Bipolar Transistor Broad Tuning Range Operating Case Temp. -55 C to + 85 C Environmental Screening available
Available as:
TOM9250, 4 Pin TO-8 (T4) TON9250, 4 Pin Surface Mount (SM3) TOP9250, 4 Pin Flatpack (FP4) BXO9250, Connectorized Housing (H1)
Specifications
CHARACTERISTIC
5Frequency Output Power (dBm) Power Flatness (dB) Tuning Voltage Range (v) Tuning Voltage Sensitivity (MHz/V) Harmonics (dBc) Spurious (dBc) 3dB Modulation BW Zg = 50 Ohm Pushing (MHz/V) Pulling (MHz); 20 dB RL Frequency Drift (MHz/C Power Vdc mA
Maximum Ratings
TYPICAL Ta = 25 C
2000 - 2500 MHz +11.5 0.75 1 to 14 40 -20 <-80 -4 25 0.10 +15 30
MIN/MAX Ta = -55 C to +85 C
2000 - 2500 MHz +9.0 Min. 1.5 Max. 1 to 15 15 Min. -12 Max. <-60 Max. 20 MHz Min. 9 Max. 35 Max. 0.15 Max. +15 40 Max.
Ambient Operating Temperature ....................... -55C to + 100 C Storage Temperature ........................................ -62C to + 125 C Case Temperature ........................................................... + 125 C DC Voltage .................................................................... + 20 Volts Maximum DC Tuning Voltage ......................................... + 20 Volts Minimum DC Tuning Voltage ................................................. 0 Volt
Typical Performance Data
+15.0
Output Power (dBm)
+13.0 +11.0 + 9.0
1
4
7
10
13
16
Tuning Voltage (Volts)
2700
Frequency (MHz)
2500 2300 2100 1900 1700 1 4 7 10 13 16
Tuning Voltage (Volts)
Legend ------------- + 25 C -- -- -- +85 C - - - - - - -55 C
Notes: 1. Phase Noise is measured using the Aeroflex PN9000. 2. Worst case phase noise @ 100KHz offset across frequency range and temperature extremes is -100 dBc/Hz.
Spectrum Microwave * 2144 Franklin Drive N.E. * Palm Bay, Florida 32905 * PH (888) 553-7531 * Fax (888) 553-7532
Rev. C 04/11/02
www.SpectrumMicrowave.com Spectrum Microwave (Europe) * 2707 Black Lake Place * Philadelphia, Pa. 19154 * PH (215) 464-4000 * Fax (215) 464-4001


▲Up To Search▲   

 
Price & Availability of TOM9250

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X